PART |
Description |
Maker |
SPT7750 SPT7750AIK SPT7750BCU SPT7750BIK |
From old datasheet system 8-BIT 500 MSPS FLASH A/D CONVERTER 8-BIT, 500 MSPS, FLASH A/D CONVERTER
|
FAIRCHILD[Fairchild Semiconductor]
|
EPC1199G-1 EPC1199G-2 EPC1199G-3 EPC1199G-4 EPC119 |
500 mW DC/DC Converter
|
PCA ELECTRONICS INC.
|
EPC1193G-1 EPC1193G-2 EPC1193G-3 EPC1193G-4 EPC119 |
500 mW DC/DC Converter
|
PCA ELECTRONICS INC.
|
JYDC-7-1HP |
High Power Directional Coupler 50?/a> 30 to 500 MHz From old datasheet system High Power Directional Coupler 50з 30 to 500 MHz High Power Directional Coupler 50 30 to 500 MHz AC-DC Converter, 75 Watt Input VAC: 90~260, Output VDC: 12, Max Output Current(A): 6.25, Package: U Bracket, Isolation(VDC): 3000, Operating Temp.: -25C to 50C, Low Ripple & Noise, High Efficiency up to 80%, Auto-Recovery, Single Outputs
|
http:// MINI[Mini-Circuits]
|
HI1276AIL HI1276 HI1276-EV |
8-Bit, 500 MSPS, Flash A/D Converter
|
INTERSIL[Intersil Corporation]
|
ADQ500-48S12-6LI |
500 Watt Quarter Brick DC-DC Converter
|
Artesyn Technologies
|
IB048E120T40N1-00 IB048E120T40N2-OO IB048E120T40N1 |
4:1 Intermediate Bus Converter Module: Up to 500 W Output
|
Vicor Corporation
|
1N957B ON0020 1N958B 1N968B 1N965B 1N963B 1N961B |
500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35灏??,10V榻?撼?靛?锛?????绾崇ǔ??????) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,12V齐纳电压,玻璃齐纳稳压二极管) 12 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,15]V齐纳电压,玻璃齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,20V齐纳电压,玻璃齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35封装,7.5V齐纳电压,玻璃齐纳稳压二极管) From old datasheet system
|
ON Semiconductor
|
TDA8776 TDA8776K |
10-bit, 500 Msps Digital-to-Analog Converter DAC
|
Philips Semiconductors
|
SIP12503DMP-T1-E3 |
500-mA - Adjustable Boost Converter for Single or Dual Cell
|
http:// Vishay Siliconix
|
AD9234-1000EBZ AD9234-500EBZ AD9234BCPZ-500 AD9234 |
12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
|
Analog Devices
|